Part Number Hot Search : 
S1500 L6741TR LTS367HR N3290A 1N4688 4720T HC4P55 HF321J
Product Description
Full Text Search
 

To Download FSD200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FSD210, FSD200
Features
Green Mode Fairchild Power Switch (FPSTM)
* Single Chip 700V Sense FET Power Switch * Precision Fixed Operating Frequency (134kHz) * Advanced Burst-Mode operation Consumes under 0.1W at 265Vac and no load (FSD210 only) * Internal Start-up Switch and Soft Start * Under Voltage Lock Out (UVLO) with Hysteresis * Pulse by Pulse Current Limit * Over Load Protection (OLP) * Internal Thermal Shutdown Function (TSD) * Auto-Restart Mode * Frequency Modulation for EMI * FSD200 does not require an auxiliary bias winding
OUTPUT POWER TABLE
230VAC 15%(3) PRODUCT FSD210 FSD200 FSD210M FSD200M 85-265VAC Open Open Adapter(1) Adapter(1) Frame(2) Frame(2) 5W 5W 5W 5W 7W 7W 7W 7W 4W 4W 4W 4W 5W 5W 5W 5W
Applications
* Charger & Adaptor for Mobile Phone, PDA & MP3 * Auxiliary Power for White Goods, PC, C-TV & Monitor
Table 1. Notes: 1. Typical continuous power in a non-ventilated enclosed adapter measured at 50C ambient. 2. Maximum practical continuous power in an open frame design at 50C ambient. 3. 230 VAC or 100/115 VAC with doubler.
Typical Circuit
Description
The FSD200 and FSD210 are integrated Pulse Width Modulators (PWM) and Sense FETs specially designed for high performance off-line Switch Mode Power Supplies (SMPS) with minimal external components. Both devices are monolithic high voltage power switching regulators which combine an LDMOS Sense FET with a voltage mode PWM control block. The integrated PWM controller features include: a fixed oscillator with frequency modulation for reduced EMI, Under Voltage Lock Out (UVLO) protection, Leading Edge Blanking (LEB), optimized gate turn-on/turnoff driver, thermal shut down protection (TSD), temperature compensated precision current sources for loop compensation and fault protection circuitry. When compared to a discrete MOSFET and controller or RCC switching converter solution, the FSD200 and FSD210 reduce total component count, design size, weight and at the same time increase efficiency, productivity, and system reliability. The FSD200 eliminates the need for an auxiliary bias winding at a small cost of increased supply power. Both devices are a basic platform well suited for cost effective designs of flyback converters.
AC IN DC OUT
Vstr PWM Vfb
Drain
Vcc
Source
Figure 1. Typical Flyback Application using FSD210
AC IN
DC OUT
Vstr PWM Vfb
Drain
Vcc
Source
Figure 2. Typical Flyback Application using FSD200
Rev.1.0.3
(c)2004 Fairchild Semiconductor Corporation
FSD210, FSD200
Internal Block Diagram
Vstr 8 Vcc 5
UVLO Voltage Ref Internal Bias 8.7/6.7V Frequency Modulation
5uA 250uA
L H
7 Drain
Vck OSC DRIVER S Q SFET
Vfb 4
BURST
R
VBURST LEB OLP Reset S R
TSD
Iover Q Vth
Rsense
V SD
A/R
S/S 3mS
1, 2, 3
GND
Figure 3. Functional Block Diagram of FSD210
Vstr 8 Vcc 5
7V
HV/REG UVLO Voltage Ref.
INTERNAL BIAS ON/OFF
7 Drain
Frequency Modulation
5uA 250uA
Vck OSC DRIVER S Q SFET
Vfb 4
BURST
R
VBURST LEB
OLP Reset S R
TSD
Iover Vth Q
Rsense
V SD A/R
S/S 3mS
1, 2, 3
GND
Figure 4. Functional Block Diagram of FSD200 showing internal high voltage regulator
2
FSD210, FSD200
Pin Definitions
Pin Number 1, 2, 3 Pin Name GND Pin Function Description Sense FET source terminal on primary side and internal control ground. The feedback voltage pin is the inverting input to the PWM comparator with nominal input levels between 0.5Vand 2.5V. It has a 0.25mA current source connected internally while a capacitor and opto coupler are typically connected externally. A feedback voltage of 4V triggers overload protection (OLP). There is a time delay while charging between 3V and 4V using an internal 5uA current source, which prevents false triggering under transient conditions but still allows the protection mechanism to operate under true overload conditions. FSD210 Positive supply voltage input. Although connected to an auxiliary transformer winding, current is supplied from pin 8 (Vstr) via an internal switch during startup (see Internal Block Diagram section). It is not until Vcc reaches the UVLO upper threshold (8.7V) that the internal start-up switch opens and device power is supplied via the auxiliary transformer winding. FSD200 This pin is connected to a storage capacitor. A high voltage regulator connected between pin 8 (Vstr) and this pin, provides the supply voltage to the FSD200 at startup and when switching during normal operation. The FSD200 eliminates the need for auxiliary bias winding and associated external components. The Drain pin is designed to connect directly to the primary lead of the transformer and is capable of switching a maximum of 700V. Minimizing the length of the trace connecting this pin to the transformer will decrease leakage inductance. The startup pin connects directly to the rectified AC line voltage source for both the FSD200 and FSD210. For the FSD210, at start up the internal switch supplies internal bias and charges an external storage capacitor placed between the Vcc pin and ground. Once this reaches 8.7V, the internal current source is disabled. For the FSD200, an internal high voltage regulator provides a constant supply voltage.
4
Vfb
5
Vcc
7
Drain
8
Vstr
Pin Configuration
7-DIP 7-LSOP GND GND GND Vfb
1 2 3 4 5 8 7
Vstr Drain
Vcc
Figure 5. Pin Configuration (Top View)
3
FSD210, FSD200
Absolute Maximum Ratings
(Ta=25C unless otherwise specified) Parameter Maximum Supply Voltage (FSD200) Maximum Supply Voltage (FSD210) Input Voltage Range Operating Junction Temperature. Operating Ambient Temperature Storage Temperature Range Symbol VCC,MAX VCC,MAX VFB TJ TA TSTG Value 10 20 -0.3 to VSTOP +150 -25 to +85 -55 to +150 Unit V V V C C C
Thermal Impedance
Parameter 7DIP Junction-to-Ambient Thermal Junction-to-Case Thermal 7LSOP Junction-to-Ambient Thermal Junction-to-Case Thermal
Note: 1. Free standing without heat sink. 2. Measured on the GND pin close to plastic interface. 3. Soldered to 100mm2 copper clad. 4. Soldered to 300mm2 copper clad.
Symbol
Value 74.07(3) 60.44
(4)
Unit C/W C/W C/W C/W C/W C/W
JA(1) JA(1) JC(2) JA(1) JA(1) JC(2)
22.00 -
4
FSD210, FSD200
Electrical Characteristics
(Ta=25C unless otherwise specified) Parameter Sense FET SECTION Drain-Source Breakdown Voltage Startup Voltage (Vstr) Breakdown Off-State Current On-State Resistance Rise Time Fall Time CONTROL SECTION Output Frequency Output Frequency Modulation Feedback Source Current Maximum Duty Cycle Minimum Duty Cycle UVLO Threshold Voltage (FSD200) UVLO Threshold Voltage (FSD210) Supply Shunt Regulator (FSD200) Internal Soft Start Time BURST MODE SECTION VBURH Burst Mode Voltage PROTECTION SECTION Drain to Source Peak Current Limit Current Limit Delay(1)
(1)
Symbol BVDSS BVSTR IDSS RDS(ON) TR TF FOSC FMOD IFB DMAX DMIN VSTART VSTOP VSTART VSTOP VCCREG TS/S
Condition VCC = 0V, ID = 100A VDS = 560V Tj = 25C, ID = 25mA Tj = 100C, ID = 25mA VDS = 325V, ID = 50mA VDS = 325V, lD = 25mA Tj = 25C Tj = 25C Vfb = 0V Vfb = 3.5V Vfb = 0V After turn on After turn on -
Min. 700 700 126 0.22 60 0 6.3 5.3 8.0 6.0 0.58
Typ. 28 42 100 50 134 4 0.25 65 0 7 6 8.7 6.7 7 3 0.64 0.58 60 0.320 220 145 4.0 5 600 700 1 700 -
Max. 100 32 48 142 0.28 70 0 7.7 6.7 9.4 7.4 0.7 0.64 0.365 160 4.5 7 1.2 900 -
Unit V V A ns ns kHz kHz mA % % V V V V V ms V V mV A ns C V A ns A A mA A V
VBURL Hysteresis IOVER TCLD TSD VSD IDELAY TLEB IOP IOP ISTART ISTART
Tj = 25C
0.5 0.275
Tj = 25C Vfb = 4.0V
125 3.5 3 200
Thermal Shutdown Temperature (Tj) Shutdown Feedback Voltage Feedback Shutdown Delay Current Leading Edge Blanking Time(2) TOTAL DEVICE SECTION Operating Supply Current (FSD200) Operating Supply Current (FSD210) Start Up Current (FSD200) Start Up Current (FSD210) Vstr Supply Voltage
Vcc = 7V Vcc = 11V Vcc = 0V Vcc = 0V Vcc = 0V
20
Note: 1. These parameters, although guaranteed, are not 100% tested in production 2. This parameter is derived from characterization
5
FSD210, FSD200
Comparison Between FSDH565 and FSD210
Function Soft-Start FSDH0565 not applicable 3mS FSD210 FSD210 Advantages * Gradually increasing current limit during soft-start further reduces peak current and voltage component stresses * Eliminates external components used for soft-start in most applications * Reduces or eliminates output overshoot * Smaller transformer * Reduced conducted EMI * Improve light load efficiency * Reduces no-load consumption * Transformer audible noise reduction * Greater immunity to acting as a result of build-up of dust, debris and other contaminants
Switching Frequency Frequency Modulation Burst Mode Operation
100kHz not applicable not applicable
134kHz 4kHz Yes-built into controller 3.56mm DIP 3.56mm LSOP
Drain Creepage at Package
1.02mm
6
FSD210, FSD200
Typical Performance Characteristics
(These characteristic graphs are normalized at Ta=25)
1.2 Operating Current (A) -25 0 25 50 75 100 125 1.0 Fosc (kHz) 0.8 0.6 0.4 0.2 0.0 Junction Temperature ()
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature ()
Frequency vs. Temp
Operating Current vs. Temp
1.2 Peak Current Limit (A) 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature () Feedback SOurce Current (A)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature ()
Peak Current Limit vs. Temp
Feedback Source Current vs. Temp
1.20 1.00 Vstart (V) Vstop (V) -25 0 25 50 75 100 125 0.80 0.60 0.40 0.20 0.00 Junction Temperature ()
1.20 1.00 0.80 0.60 0.40 0.20 0.00 -25 0 25 50 75 100 125 Junction Temperature ()
Vstart Voltage vs. Temp
Vstop Voltage vs. Temp
7
FSD210, FSD200
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta=25)
1.8 On State Resistance () 1.6 1.4 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature () BVdss (V) 1.2
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature ()
On State Resistance vs. Temp
Breakdown Voltage vs. Temp
1.2 Vcc Regulation Voltage (V) 1.0 0.8
1.2 1.0 0.8 VSD (V) 0.6 0.4 0.2 0.0
-25 0 25 50 75 100 125
0.6 0.4 0.2 0.0 Junction Temperature ()
-25
0
25
50
75
100
125
Junction Temperature ()
Vcc Regulation Voltage vs. Temp (for FSD200)
Shutdown Feedback Voltage vs. Temp
1.4 1.2 1.0 Istart (A) 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature () Istart (A)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 -25 0 25 50 75 100 125 Junction Temperature ()
Start Up Current vs. Temp (for FSD210)
Start Up Current vs. Temp (for FSD200)
8
FSD210, FSD200
Functional Description
1. Startup : At startup, the internal high voltage current source supplies the internal bias and charges the external Vcc capacitor as shown in figure 7. In the case of the FSD210, when Vcc reaches 8.7V the device starts switching and the internal high voltage current source is disabled (see figure 1). The device continues to switch provided that Vcc does not drop below 6.7V. For FSD210, after startup, the bias is supplied from the auxiliary transformer winding. In the case of FSD200, Vcc is continuously supplied from the external high voltage source and Vcc is regulated to 7V by an internal high voltage regulator (HVReg), thus eliminating the need for an auxiliary winding (see figure 2).
Vin,dc Istr
i = Is tr - m ax 1 00 u A i = Istr-max 100uA Vcc max 100uA
Vstr J-FET
UVLO Vref
Vcc
FSD2xx
Vin,dc Istr
Vin,dc Istr
UVLO start Vcc must not drop to UVLO stop
Vstr Vcc HV Reg. 7V
Vstr Vcc
L
UVLO stop Auxiliary winding voltage
H 8.7V/ 6.7V
FSD210
FSD200
t
Figure 6. Internal startup circuit
Figure 7. Charging the Vcc capacitor through Vstr
Calculating the Vcc capacitor is an important step to designing in the FSD200/210. At initial start-up in both the FSD200/210, the stand-by maximum current is 100uA, supplying current to UVLO and Vref Block. The charging current (i) of the Vcc capacitor is equal to Istr - 100uA. After Vcc reaches the UVLO start voltage only the bias winding supplies Vcc current to device. When the bias winding voltage is not sufficient, the Vcc level decreases to the UVLO stop voltage. At this time Vcc oscillates. In order to prevent this ripple it is recommended that the Vcc capacitor be sized between 10uF and 47uF.
3. Leading edge blanking (LEB) : At the instant the internal Sense FET is turned on, there usually exists a high current spike through the Sense FET, caused by the primary side capacitance and secondary side rectifier diode reverse recovery. Exceeding the pulse-by-pulse current limit could cause premature termination of the switching pulse (see Protection Section). To counter this effect, the FPS employs a leading edge blanking (LEB) circuit. This circuit inhibits the over current comparator for a short time (TLEB) after the Sense FET is turned on.
2. Feedback Control : The FSD200/210 are both voltage mode devices as shown in Figure 8. Usually, a H11A817 optocoupler and KA431 voltage reference (or a FOD2741 integrated optocoupler and voltage reference) are used to implement the isolated secondary feedback network. The feedback voltage is compared with an internally generated sawtooth waveform, directly controlling the duty cycle. When the KA431 reference pin voltage exceeds the internal reference voltage of 2.5V, the optocoupler LED current increases pulling down the feedback voltage and reducing the duty cycle. This event will occur when either the input voltage increases or the output load decreases.
Vcc 5uA
OSC
Vref 0.25mA Gate driver R
Vo
Vfb
FB 4
Cfb
KA431
VSD
OLP
Figure 8. PWM and feedback circuit
4. Protection Circuit : The FSD200/210 has 2 self protection functions: over load protection (OLP) and thermal shutdown (TSD). Because these protection circuits are fully integrated into the IC with no external components, system
9
FSD210, FSD200
reliability is improved without a cost increase. If either of these thresholds are triggered, the FPS starts an auto-restart cycle. Once the fault condition occurs, switching is terminated and the Sense FET remains off. This causes Vcc to fall. When Vcc reaches the UVLO stop voltage (6.7V:FSD210, 6V:FSD200), the protection is reset and the internal high voltage current source charges the Vcc capacitor. When Vcc reaches the UVLO start voltage (8.7V:FSD210,7V:FSD200), the device attempts to resume normal operation. If the fault condition is no longer present start up will be successful. If it is still present the cycle is repeated (see figure 10).
to detect the temperature of the Sense FET. When the temperature exceeds approximately 145C, thermal shutdown is activated.
Vfb
under Vstop of UVLO
OLP 4V 3V FPS Switching Area
Idelay (5uA) charges Cfb
OSC
IC Reset
t
5uA 250uA
Vfb
4 R
+ 3V OLP
S R
Q
GATE DRIVER
t1
t2
t3
Cfb
S
RESET
Q
t1<v(t1)=3V
Vth 4V
R
TSD A/R
FSD2xx OLP, TSD Protection Block
Figure 10. Over load protection delay
Figure 9. Protection block
4.1 Over Load Protection (OLP) : Over load protection occurs when the load current exceeds a pre-set level due to an abnormal situation. If this occurs, the protection circuit should be triggered to protect the SMPS. It is possible that a short term load transient can occur under normal operation. In order to avoid false shutdowns, the over load protection circuit is designed to trigger after a delay. Therefore the device can differentiate between transient over loads and true fault conditions. The maximum input power is limited using the pulse-by-pulse current limit feature. If the load tries to draw more than this, the output voltage will drop below its set value. This reduces the optocoupler LED current which in turn reduces the photo-transistor current (see figure 9). Therefore, the 250uA current source will charge the feedback pin capacitor, Cfb, and the feedback voltage, Vfb, will increase. The input to the feedback comparator is clamped at 3V. Once Vfb reaches 3V, the device switches at maximum power, the 250uA current source is blocked and the 5uA source continues to charge Cfb. Once Vfb reaches 4V, switching stops.and overload protection is triggered. The resultant shutdown delay time is set by the time required to charge Cfb from 3Vto 4Vwith 5uA as shown in Fig. 10.
5. Soft Start : FSD200/210 has an internal soft start circuit that gradually increases current through the Sense FET as shown in figure 11. The soft start time is 3msec in FSD200/ 210.
I(A)
3mS 0.3A
Iover
0.25A 0.2A
t
FSD200/210
Figure 11. Internal Soft Start
4.2 Thermal Shutdown (TSD) : The Sense FET and the control IC are integrated, making it easier for the control IC 10
6. Burst operation : In order to minimize the power dissipation in standby mode, the FSD200/210 implements burst mode functionality (see figure 12). As the load decreases, the feedback voltage decreases. As shown in figure 13, the device automatically enters burst mode when the feedback voltage drops below VBURL(0.58V). At this point switching stops and the output voltages start to drop at a rate dependant on standby current load. This causes the feedback voltage to rise. Once it passes VBURH(0.64V) switching starts again. The feedback voltage falls and the process repeats. Burst mode operation alternately enables and disables switching of the power Sense FET thereby reducing switching loss in
FSD210, FSD200
standby mode.
Internal Oscillator
OSC
GATE DRIVER
138kHz
S 5uA 4 250uA R
Q
on/off
Vfb
Drain to Source voltage
0.64V /0.58V
FSD2xx Burst Operation Block
Figure 12. Circuit for burst operation
Drain to Source current
Vds Waveform 130kHz 134kHz 8kHz
Vo
Voset
138kHz Turn-on Turn-off point
VFB
0.64V 0.58V
Figure 14. Frequency Modulation Waveforms
CISPR22Q(PK)
CISPR22A(AV)
Ids
Vds
time
Amplitude(dBV)
Frequency(MHz)
Figure 13. Burst mode operation Figure 15. FSDH0165 Full Range EMI scan(100kHz, no Frequency Modulation) with charger set
Amplitude(dBV)
7. Frequency Modulation : EMI reduction can be accomplished by modulating the switching frequency of a SMPS. Frequency modulation can reduce EMI by spreading the energy over a wider frequency range. The amount of EMI reduction is directly related to the level of modulation (Fmod) and the rate of modulation. As can be seen in Figure 14, the frequency changes from 130kHz to 138kHz in 4mS for the FSD200/FSD210. Frequency modulation allows the use of a cost effective inductor instead of an AC input mode choke to satisfy the requirements of world wide EMI limits.
CISPR22Q(PK)
CISPR22A(AV)
Frequency(MHz)
Figure 16. FSD210 Full Range EMI scan(134kHz, with Frequency Modulation) with charger set
11
FSD210, FSD200
Typical application circuit
Application Cellular Phone Charger Output power 3.38W Input voltage Universal input (85-265Vac) Output voltage (Max current) 5.2V (650mA)
Features
* * * * * * High efficiency (>67% at Universal Input) Low zero load power consumption (<100mW at 240Vac) with FSD210 Low component count Enhanced system reliability through various protection functions Internal soft-start (3ms) Frequency Modulation for low EMI
Key Design Notes
* The constant voltage (CV) mode control is implemented with resistors, R8, R9, R10 and R11, shunt regulator, U2, feedback capacitor, C9 and opto-coupler, U3. * The constant current (CC) mode control is designed with resistors, R8, R9, R15, R16, R17 and R19, NPN transistor, Q1 and NTC, TH1. When the voltage across current sensing resistors, R15,R16 and R17 is 0.7V, the NPN transistor turns on and the current through the opto coupler LED increases. This reduces the feedback voltage and duty ratio. Therefore, the output voltage decreases and the output current is regulated. * The NTC(negative thermal coefficient) is used to compensate the temperature characteristics of the transistor Q1.
1. Schematic
C6 152M-Y, 250Vac
R6
R7
4.7M 1/4W 4.7M, 1/4W L1 330uH Fuse AC 1W, 10R AC D3 1N4007 D4 1N4007 D1 1N4007 D2 1N4007 C1 4.7UF 400V C2 4.7uF 400V R1 4.7k 1 R3 47k R4 47k C3 102k 1kV 2 8 TX1 7 D7 SB260
0
L3 4uH C7 330uF 16V R8 510R R9 56R U3 H11A817B C9 470nF Vo
(5.2V/0.65A)
R10 2.2k C8 330uF 16V
.
D5 UF4007 C10 4.7uF 50V U2 TL431 R12 2k
7
Drain
Vcc Vfb
5 4 H11A817B
D6
R5
1
Q1 KSP2222A
0
8 U1 FSD210
1N4148 39R 3 C5 33uF 50V 4 TH1 10k R19 510R R15 3R0 R16 3R0 R17 3R0
Vstr GND GND 2
1
3
GND
For FSD21x
0
C4 100nF
12
FSD210, FSD200
2. Demo Circuit Part List
Reference D1,D2,D3,D4 D5 D6 D7 Q1 U1 U2 U3 Part # 1N4007 UF4007 1N4148 SB260 KSP2222A FSD210 (FSD200) KA431AZ H11A817A Quantity 4 1 1 1 1 1 1 1 Description 1A/1000V Junction Rectifier 1A/1000V Ultra Fast Diode 10mA/100V Junction Diode 2A/60V Schottky Diode Ic=600mA, Vce=30V 0.5A/700V Vref=2.495V(Typ.) CTR 80~160% Requirement/Comment DO41 Type DO41 Type D0-213 Type D0-41 Type TO-92 Type Iover=0.3A, Fairchildsemi TO-92 Type, LM431 -
3. Transformer Schematic Diagram
2mm
1 8
2mm
2
7
W4 W3
3
6
W2 W1
4
.
CORE : EE1616 BOBBIN : EE1616(H)
5
4. Winding Specification
No. W1 W2
Pin (S F) 1 2 43
Wire 0.16 1 0.16 1
Turns 99 Ts 18 Ts
Winding Method SOLENOID WINDING CENTER SOLENOID WINDING SOLENOID WINDING SOLENOID WINDING
INSULATION : POLYESTER TAPE t=0.025mm / 10mm, 2Ts
INSULATION : POLYESTER TAPE t=0.025mm / 10mm, 2Ts W3 W4 1 open 87 0.16 1 0.40 1 50 Ts 9 Ts INSULATION : POLYESTER TAPE t=0.025mm / 10mm, 3Ts INSULATION : POLYESTER TAPE t=0.025mm / 10mm, 3Ts
5. Electrical Characteristics
ITEM INDUCTANCE LEAKAGE L
TERM INAL 1-2 1-2
SPECIFICATION SPECIFICAT ION 1.6mH 50uH
REM ARKS 1kHz, 1V 3,4,7,8 short 100kHz, 1V
13
FSD210, FSD200
Typical application circuit
Application Non Isolation Buck Output power 1.2W Input voltage Universal dc input (100 ~ 375Vac) Output voltage (Max current) 12V (100mA)
Features
* Non isolation buck converter * Low component count * Enhanced system reliability through various protection functions
Key Design Notes
* The output voltage(12V) is regulated with resistors, R1, R2 and R3, zener diode, D3, the transistor, Q1 and the capacitor, C2. While the FSD210 is off diodes, D1 and D2, are on. At this time the output voltage, 12V, can be sensed by the feedback components above. This output is also used with bias voltage for the FSD210. * R, 680K, is to prevent the OLP(over load protection) at startup. * R, 8.2K, is a dummy resistor to regulate output voltage in light load. 1. Schematic
VINDC 7 D2 Vcc Vfb GND GND 5 4 R2 110 D3(ZD) 1N759A R1 110 R 680K D1 GND UF4004 1mH C4 1000uF 16V R 8.2K GND C2 47nF/50V Q1 KSP2222A R3 750 L1 VOUT(12V/100mA) UF4004 Drain Vstr GND
8 U1 FSD21x C1 4.7uF/400V
C5 47uF 50V
1
2
0
2. Demo Circuit Part List
Reference D1,D2 D1,D2, Q1 ZD1 U1 Part # UF4007 KSP2222A 1N759A FSD210 Quantity 2 1 1 1 Description 1 1A/1000V Ultra Fast Diode Ic=200mA, Vcc=40V 12VZD/0.5W 0.5A/700V Requirement/Comment DO41 Type TO-92 Type DO-35 Type Iover=0.3A
3
14
FSD210, FSD200
Layout Considerations (for Flyback Convertor)
Copper area for heatsink
#1 : GND #2 : GND #3 : GND #4 : Vfb #5 : Vcc #6 : N.C. #7 : Drain #8 : Vstr
Figure 17. Layout Considerations for FSD2x0 using 7DIP
15
FSD210, FSD200
Package Dimensions
7-DIP
16
FSD210, FSD200
Package Dimensions (Continued)
7-LSOP
17
FSD210, FSD200
Ordering Information
Product Number FSD210 FSD200 FSD210M FSD200M Package 7DIP 7DIP 7LSOP 7LSOP Rating 700V, 0.5A 700V, 0.5A 700V, 0.5A 700V, 0.5A Topr (C) -25C to +85C -25C to +85C -25C to +85C -25C to +85C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
6/21/04 0.0m 001 2004 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of FSD200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X